|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
D TYPE CONNECTOR HOODS 9, 15, 25 & 37 way Accommodates 3 - 13mm cable sizes Nickel over copper plating Attention better than 40dB between 30mHz to 1 GHz 45 Cable entry available LOW COST METALISED PLASTIC HOOD OUTLINE DRAWING TOPENTRY 45ENTRY SECTION 11 SubDABC 9 31.2 39.9 15.0 15 39.5 41.5 15.0 25 53.4 48.6 15.0 37 69.7 53.6 15.0 SubDABC 9 36.3 31 15.0 15 40.3 39.5 15.0 25 40.3 53.2 15.0 37 40.3 69.7 15.0 ORDERING INFORMATION DBC Dubilier Connectors D DStyle MPHLC HoodStyle MPHLC=Metalised PlasticHoodLow Cost MPHLC45=Metalised PlasticHoodLow Cost45 09 NofWays 09=09ways 15=15ways 25=25ways 37=37ways 277 Fax: 01371 875075 www.dubilier.co.uk Tel: 01371 875758 |
Price & Availability of DBCDMPHLC15 |